component general inc. 2445 success drive odessa, fl 33556 phone: 727-376-6655 or 800-246-4084 __ microwave thick film disc resistors _ mechanical specifications substrate: beryllium oxide ceramic std. tolerance: standard resistance tolerance 2% at 25c terminals: proprietary silver terminal material on both sides connected with wrap-around terminals on i.d. and o.d. resistor on one side only. temperature range: -55c to +200c. high power thick film disc resistors product selection chart p/n nominal power i.d. o.d. width inside terminal outside terminal c75d250p 5 w 0.066" - 0.074" 0.245" - 0.257" 0.020" - 0.027" 1/64 1/32 C135D375P 10 w 0.131" - 0.139" 0.372" - 0.380" 0.030" - 0.036" 1/32 1/32
p/n:c75d250p microwave discs part dimensions mechanical specifications substrate material: beryllium oxide ceramic. (note: letter "p" denotes beryllium oxide. ) terminals: terminal areas are proprietary silver plated wich reduces oxidation thus providing a more solderable terminal. temperature range : -55c to + 200c. temperature coefficient : standard temperature coefficient is - 200 to -300 ppm/c. electrical specifications resistance value: 10 - 500 as required. other values avalable upon request. frequency range : d.c. to 18 ghz dependent upon how the resistors are mounted and the mounting hardware's configuration. standard tolerance: standard tolerance is 2% at 25 c. other tolerances are available upon request. load life : the maximum anticipated change in resistance is 1 % when operated at listed rating for 1,000 hours. nominal power: 5 w. 2445 success drive odessa, fl 33556 727-376-6655 or 800-246-4084
p/n:C135D375P microwave discs part dimensions mechanical specifications substrate material: beryllium oxide ceramic. (note: letter "p" denotes beryllium oxide. ) terminals: terminal areas are proprietary silver plated wich reduces oxidation thus providing a more solderable terminal. temperature range : -55c to + 200c. temperature coefficient : standard temperature coefficient is - 200 to -300 ppm/c. electrical specifications resistance value: 10 - 500 as required. other values avalable upon request. frequency range : d.c. to 18 ghz dependent upon how the resistors are mounted and the mounting hardware's configuration. standard tolerance: standard tolerance is 2% at 25 c. other tolerances are available upon request. load life : the maximum anticipated change in resistance is 1 % when operated at listed rating for 1,000 hours. nominal power: 10 w. 2445 success drive odessa, fl 33556 727-376-6655 or 800-246-4084
|